Part Number Hot Search : 
EC103D SR206 LV51133T TA3020 MSM5221 IDT74FCT EZ240D05 P1022DS
Product Description
Full Text Search
 

To Download 2SD966 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD966
Silicon NPN epitaxial planer type
For low-frequency power amplification For stroboscope
5.90.2
Unit: mm
4.90.2
q q
2.540.15
(Ta=25C)
Ratings 40 20 7 8 5 1 150 -55 ~ +150 Unit V V V A A W C C
0.45-0.1 1.27 1.27
+0.2
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
13.50.5
s Absolute Maximum Ratings
0.7-0.2
+0.3
Low collector to emitter saturation voltage VCE(sat). Satisfactory operation performances at high efficiency with the low-voltage power supply.
0.70.1
8.60.2
s Features
0.45-0.1
+0.2
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO IEBO VCEO VEBO hFE1 hFE2 VCE(sat) fT Cob
*1
Conditions VCB = 10V, IE = 0 VEB = 7V, IC = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 0.5A*2 VCE = 2V, IC = 2A*2 IC = 3A, IB = 0.1A*2 VCB = 6V, IE = -50mA, f = 200MHz VCB = 20V, IE = 0, f = 1MHz
min
3.2
1
2
3
1:Emitter 2:Collector 3:Base EIAJ:SC-51 TO-92L Package
typ
max 0.1 0.1
Unit A A V V
20 7 230 150 1 150 50
*2
600
V MHz pF
Pulse measurement
*1h
FE1
Rank classification
Q 230 ~ 380 R 340 ~ 600
Rank hFE1
1
Transistor
PC -- Ta
1.2 2.4 Ta=25C IB=7mA 6mA 1.6 5mA 1.2 4mA 3mA 0.8 2mA 0.4
2SD966
IC -- VCE
6 VCE=2V 5 25C
IC -- VBE
Collector power dissipation PC (W)
1.0
2.0
Collector current IC (A)
0.8
Collector current IC (A)
Ta=75C 4
-25C
0.6
3
0.4
2
0.2
1mA
1
0 0 20 40 60 80 100 120 140 160
0 0 0.4 0.8 1.2 1.6 2.0 2.4
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 25C -25C IC/IB=30 600
hFE -- IC
400 VCE=2V
fT -- I E
VCB=6V Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
1 3 10
350 300 250 200 150 100 50
400 Ta=75C 300 25C -25C 200
100
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (A)
Cob -- VCB
100
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C 80
60
40
20
0 1 3 10 30 100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD966

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X